1 connect inter connect inter ultra low profile stacker: btb 00-9258 the solo series 9258 is a one-piece connector used to connect two pcbs in a cost effective manner. this connector is a 1.0mm pitch available in an 8 position with stack heights of 0.40mm and 0.80mm. it is available with or without location bosses. this connector is designed for pcb surface mounting and is supplied in tape and reel packaging. gold plated pads on the mating pcb or suitable flex circuits provide connection between the boards. electrical ? current rating: 1 amp/contact ? voltage rating: 125v based on placement distance 9258 series 00 prefix how to order environmental ? operating temperature: -55oc to +125oc mechanical ? insulator material: high temperature plastic; ul94 v-0 ? contact material: beryllium copper ? plating: gold over nickel ? durability: 50 cycles features and benefits single piece connector C no mating half connector required to connect two boards together which means: ? reduced assembly time ? only one part to purchase and stock ? due to the unique contact design, the mating device does not have to be parallel ? extremely robust when it comes to shock and vibration applications ? mobile phones ? handheld scanners ? portable medical devices ? display interface 008 number of ways 008 = 8 00x connector height 06 plating variation 06 = selective gold 0.25m gold plated contact nose pure tin tail code stack contact qty height height 004 0.40mm 1.00-1.30 no. of 008 0.80mm 1.40-1.70 ways x pcb location bosses 1 = with pcb location bosses (top side) 2 = without pcb location bosses 3 = with smt pcb location bosses (bottom side) 4 = with smt and mating pcb location bosses (top and bottom side)
2 connect inter connect inter ultra low profile stacker: btb 00-9258 0.4mm ultra low profile stacker notes: 1. 8 way ultra low profile stacker in 0.8mm stack height. 2. insulator material: nylon 46 hf5040, 40% glass filled ul94 v-0. color black. 3. contact material; 0.10mm thick becu. 4. contact plating: nickel underplate, selective gold plated contact noses pure tin plated contact smt tails. 5. parts to be packed in tape and reel, qty: 1200. 6. all dimensions for reference unless toleranced. 7. for further information refer to specification 201-01-115. proposed smt pcb layout all pads pure tin plate proposed mating pcb layout all pads gold plate with mating pcb location bosses (top side) without pcb location bosses with smt pcb location bosses (bottom side) with pcb and smt location bosses packing tape details
3 connect inter connect inter ultra low profile stacker: btb 00-9258 0.8mm ultra low profile stacker notes: 1. 8 way ultra low profile stacker in 0.4mm stack height. 2. insulator material: nylon 46 hf5040, 40% glass filled ul94 v-0. color black. 3. contact material; 0.10mm thick becu. 4. contact plating: nickel underplate, selective gold plated contact noses pure tin plated contact smt tails. 5. parts to be packed in tape and reel, qty: 1400. 6. all dimensions for reference unless toleranced. 7. for further information refer to specification 201-01-115. proposed smt pcb layout all pads pure tin plate proposed mating pcb layout all pads gold plate with mating pcb location bosses (top side) without pcb location bosses with smt pcb location bosses (bottom side) with pcb and smt location bosses packing tape details
|